PART |
Description |
Maker |
382LX224M016B092V 380LX152M050H202 380LX152M050H01 |
Type 380LX / 382LX 85 C High Capacitance, Snap-In Aluminum Type 380LX / 382LX 85 C High Capacitance, Snap-In Aluminum
|
List of Unclassifed Manufacturers List of Unclassifed Manufac... List of Unclassifed Man...
|
SLR343WBD2PT SLR3431 SLR343 |
楼玫3.1(T-1) Circular Type High Brightness Type Angle 2楼猫1/2 : 40隆? ?3.1(T-1) Circular Type High Brightness Type Angle 2胃1/2 : 40掳 φ3.1(T-1) Circular Type High Brightness Type Angle 2θ1/2 : 40°
|
Rohm
|
FD1000FH-56 |
1000 A, 2800 V, SILICON, RECTIFIER DIODE HIGH POWER, HIGH FREQUENCY, PRESS PACK TYPE HIGH POWER/ HIGH FREQUENCY/ PRESS PACK TYPE
|
Mitsubishi Electric Semiconductor
|
SLI-580YT SLI-580 SLI-580DT SLI-580UT |
High Brightness Type 5.0 Circular Type LED Lamps Type 2 1/2:12 High Brightness Type 5.0 Circular Type LED Lamps
|
Rohm CO.,LTD. ROHM[Rohm]
|
EC2-6 EC2 EC2-12ND EC2-12NP EC2-12NU EC2-12NJ EC2- |
High Insulation, High breakdown voltage, compact and lightweight, Surface mounting type COMPACT AND LIGHTWEIGHT/ SMALL MOUNTING SIZE/ HIGH BREAKDOWN VOLTAGE High Insulation/ High breakdown voltage/ compact and lightweight/ Surface mounting type A/D Converter (A-D) IC; Resolution (Bits):24; Sample Rate:192kSPS; Input Channels Per ADC:8; Input Channel Type:Differential; Data Interface:Serial; Package/Case:48-LQFP RoHS Compliant: Yes CONNECTOR ACCESSORY Film Capacitor; Capacitor Type:Suppression; Voltage Rating:100VDC; Capacitor Dielectric Material:Polyester; Capacitance:0.022uF; Capacitance Tolerance: 10%; Lead Pitch:5.00mm; Leaded Process Compatible:Yes RoHS Compliant: Yes COMPACT AND LIGHTWEIGHT, SMALL MOUNTING SIZE, HIGH BREAKDOWN VOLTAGE 小巧轻盈,小安装尺寸,高击穿电压
|
NEC Corp. NEC, Corp.
|
VYPY1104B VYBG1104B VFR1104B |
Single Color PLCC-2 Bathtub Type (High Reliability type, V-Series)
|
STANLEY ELECTRIC CO.,LTD.
|
CR10CY |
HIGH-SPEED SWITCHING THYRISTOR - MEDIUM POWER, INVERTER USE NON-INSULATED TYPE, GLASS PASSIVATION TYPE
|
Mitsubishi Electric Corporation
|
SR3517-B SR3517-H |
Red colored diffusion lens type 3mm(T-1) all plastic mold type High luminosity 红色的扩散镜头类型毫米(翻译- 1)的塑料模具型高亮度
|
AUK, Corp. AUK corp
|
AQZ102 |
Slim type with high capacity up to 4A DC load type also available
|
Panasonic Semiconductor
|
2SC3783 |
NPN TRIPLE DIFFUSED TYPE (HIGH SPEED AND HIGH VOLTAGE SWITCHING, SWITCHING REGULATOR, HIGH SPEED DC-DC CONVERTER APPLICATIONS) npn型三重扩散型(高速,高压开关,开关稳压器,高速DC - DC转换器应用) NPN TRIPLE DIFFUSED TYPE (HIGH SPEED AND HIGH VOLTAGE SWITCHING SWITCHING REGULATOR HIGH SPEED DC-DC CONVERTER APPLICATIONS) NPN TRIPLE DIFFUSED TYPE (HIGH SPEED AND HIGH VOLTAGE SWITCHING/ SWITCHING REGULATOR/ HIGH SPEED DC-DC CONVERTER APPLICATIONS)
|
Toshiba, Corp. TOSHIBA[Toshiba Semiconductor]
|
SLI-343YY SLI-343 SLI-343DC SLI-343DU SLI-343UR SL |
High Brightness Type 3.1 Circular Type LED Lamps <LEDs with Pressure Release Structure> High Brightness Type 3.1 Circular Type LED Lamps
|
Rohm CO.,LTD. ROHM[Rohm]
|
SLA-580MT SLA580BC4T SLA580ECT SLA580BCT SLA580EC4 |
5.0(T-1 3/4) Circular Type High Brightness Type
|
Rohm
|